Part Number Hot Search : 
2G16Q 3A2065 MTU8B56E AS13261 M368L RB4812 TDP1603 MAX11
Product Description
Full Text Search
 

To Download EPC1008H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Ethernet DC/DC Converter EPC1008P & EPC1008H
Features 75 % Typical efficiency at full load @ nominial input voltage Unregulated Output Input / Output Isolation Input filter to reduce input ripple current Designed for low common mode noise
Electrical Specifications
PCA P/N EPC1008P EPC1008H STD PKG E E1 Optional Packages E-G*, F2,N, E1-G*,N,Q1
*Note : Package with G = Surface Mount Device, : E1,E1-G,E4,E4-G,E11,Q,Q1, N4-G Input Voltage V 12.0 12.0 Output Voltage V 9 5% 9 5% Output Current mA Max. 200 Max. 200 Max. Output Ripple & Noise @ 20 MHz BW mV p-p 100 Max. 100 Max. Isolation Vrms 500 2000
Pin Connections for E**
V in+ 24 V o15 V o+ 14 V in13
Pin Connections for E1
V in24 23 N/C 13 to 16
Pin Connections for E4
V in+ 24 N/C 23 & 22 V o- V o+ 15 14 V in13
Pin Connections for F2
1 V in+ 1 V in+ 10 V o11 V o+ 12 V in1 V in+ 2 9 10 V o11 V o+ 12 1 V in+ 2&3 N/C 10 11 12 V in-
2
3
9
10
11
12
N/C
N/C V o- V o+ V in-
V o- V o+
PACKAGE E
White Dot Pin 1 PCA EPC1008P Date Code 12V 9V 1.300 Max. .020 Typ.
PACKAGE F2
.340 .585 Max. White Dot **Pin 4 removed Pin 1 Pins 2-9 & 16-23 not connected .com .015 .375 Max .125 Min. .008 .012 .635 Typ. .020 Typ. 1.300 Max. PCA EPC1008PF2 Date Code 12V 9V .580 Max. .250 Min. .009 .013 .100 Typ. 1.100 .040
ee DataSh
.018 Typ.
1.100 .100 Typ.
PACKAGE E1
White Dot Pin 1 PCA EPC1008H Date Code 12V 9V 1.300 Max. .020 Typ.
PACKAGE E4
White Dot Pin 1 .585 Max. PCA EPC1008PE4 Date Code 12V 9V 1.300 Max. .020 Typ. .008 .012 .635 Typ.
.585 Max.
.375 Max .125 Min.
.375 Max .125 Min. .008 .012 .635 Typ.
.018 Typ.
1.100 .100 Typ.
.018 Typ.
1.100 .100 Typ.
DSC1008
Rev. A
9/8/95
QAF-CSO6 Rev. B
9/9/94
Unless Otherwise Noted Dimensions in Inches .com Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of EPC1008H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X